Part Number Hot Search : 
ARV241 MA2B182 30M125 P6KE200C LPBA50M 223ML 2N3859A H0013NL
Product Description
Full Text Search
 

To Download IRG4BC30KD-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -91594C
IRG4BC30KD-S
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Features
* High short circuit rating optimized for motor control, tsc =10s, @360V VCE (start), TJ = 125C, VGE = 15V * Combines low conduction losses with high switching speed * tighter parameter distribution and higher efficiency than previous generations * IGBT co-packaged with HEXFREDTM ultrafast, ultrasoft recovery antiparallel diodes
C
Short Circuit Rated UltraFast IGBT
VCES = 600V
G E
VCE(on) typ. = 2.21V
@VGE = 15V, IC = 16A
n-ch an nel
Benefits
* Latest generation 4 IGBTs offer highest power density motor controls possible * HEXFREDTM diodes optimized for performance with IGBTs. Minimized recovery characteristic reduce noise, EMI and switching losses * This part replaces the IRGBC30KD2-S and IRGBC30MD2-S products * For hints see design tip 97003
D 2Pak
Max.
600 28 16 58 58 12 58 10 20 100 42 -55 to +150 300 (0.063 in. (1.6mm) from case) 10 lbf*in (1.1 N*m)
Absolute Maximum Ratings
Parameter
VCES IC @ TC = 25C IC @ TC = 100C ICM ILM IF @ TC = 100C IFM tsc VGE PD @ TC = 25C PD @ TC = 100C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Q Clamped Inductive Load Current R Diode Continuous Forward Current Diode Maximum Forward Current Short Circuit Withstand Time Gate-to-Emitter Voltage Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 sec. Mounting Torque, 6-32 or M3 Screw.
Units
V
A
s V W
C
Thermal Resistance
Parameter
RJC RJC RCS RJA Wt Junction-to-Case - IGBT Junction-to-Case - Diode Case-to-Sink, Flat, Greased Surface Junction-to-Ambient ( PCB Mounted,steady-state)U Weight
Typ.
--- 0.5 --- 1.44
Max.
1.2 2.5 --- 40 ---
Units
C/W g
www.irf.com
1
4/24/2000
IRG4BC30KD-S
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)CES
V(BR)CES/TJ
VCE(on)
VGE(th) VGE(th)/TJ gfe ICES VFM IGES
Parameter Min. Typ. Max. Units Collector-to-Emitter Breakdown VoltageS 600 -- -- V Temperature Coeff. of Breakdown Voltage -- 0.54 -- V/C Collector-to-Emitter Saturation Voltage -- 2.21 2.7 -- 2.88 -- V -- 2.36 -- Gate Threshold Voltage 3.0 -- 6.0 Temperature Coeff. of Threshold Voltage -- -12 -- mV/C Forward Transconductance T 5.4 8.1 -- S Zero Gate Voltage Collector Current -- -- 250 A -- -- 2500 Diode Forward Voltage Drop -- 1.4 1.7 V -- 1.3 1.6 Gate-to-Emitter Leakage Current -- -- 100 nA
Conditions VGE = 0V, IC = 250A VGE = 0V, IC = 1.0mA IC = 16A VGE = 15V See Fig. 2, 5 IC = 28A IC = 16A, TJ = 150C VCE = VGE, IC = 250A VCE = VGE, IC = 250A VCE = 100V, IC = 16A VGE = 0V, VCE = 600V VGE = 0V, VCE = 600V, TJ = 150C IC = 12A See Fig. 13 IC = 12A, TJ = 150C VGE = 20V
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets tsc td(on) tr td(off) tf Ets LE Cies Coes Cres trr Irr Qrr di(rec)M/dt Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Short Circuit Withstand Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Diode Reverse Recovery Time Diode Peak Reverse Recovery Current Diode Reverse Recovery Charge Diode Peak Rate of Fall of Recovery During tb Min. -- -- -- -- -- -- -- -- -- -- 10 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. Max. Units Conditions 67 100 IC = 16A 11 16 nC VCC = 400V See Fig.8 25 37 VGE = 15V 60 -- 42 -- TJ = 25C ns 160 250 IC = 16A, VCC = 480V 80 120 VGE = 15V, RG = 23 0.60 -- Energy losses include "tail" 0.58 -- mJ and diode reverse recovery 1.18 1.6 See Fig. 9,10,14 -- -- s VCC = 360V, TJ = 125C VGE = 15V, RG = 10 , VCPK < 500V 58 -- TJ = 150C, See Fig. 11,14 42 -- IC = 16A, VCC = 480V ns 210 -- VGE = 15V, RG = 23 160 -- Energy losses include "tail" 1.69 -- mJ and diode reverse recovery 7.5 -- nH Measured 5mm from package 920 -- VGE = 0V 110 -- pF VCC = 30V See Fig. 7 27 -- = 1.0MHz 42 60 TJ = 25C See Fig. ns 80 120 TJ = 125C 14 IF = 12A 3.5 6.0 TJ = 25C See Fig. A 5.6 10 TJ = 125C 15 VR = 200V 80 180 TJ = 25C See Fig. nC 220 600 TJ = 125C 16 di/dt = 200As 180 -- TJ = 25C See Fig. A/s 160 -- TJ = 125C 17
2
www.irf.com
IRG4BC30KD-S
2.5
For both:
2.0
LOAD CURRENT (A)
D uty cy cle: 50% TJ = 125C 55C T s ink = 90C G ate drive as specified
P ow e r Dis sip ation = 1.8 W S q u a re w a v e : 6 0% of rate d volta ge
1.5
1.0
I
0.5
Id e a l d io d e s
0.0 0.1 1 10 100
f, Frequency (KHz)
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
100
100
TJ = 150 o C
I C , Collector-to-Emitter Current (A)
I C , Collector-to-Emitter Current (A)
TJ = 25 o C
TJ = 150 o C
10
10
TJ = 25 oC
1
1
0.1 1
V = 15V 20s PULSE WIDTH
GE 10
0.1 5 10
V = 50V 5s PULSE WIDTH
CC 15
VCE , Collector-to-Emitter Voltage (V)
VGE , Gate-to-Emitter Voltage (V)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
www.irf.com
3
IRG4BC30KD-S
30 4.0
Maximum DC Collector Current(A)
25
VCE , Collector-to-Emitter Voltage(V)
V = 15V 80 us PULSE WIDTH
GE
I C = 32 A
20
3.0
15
I C = 16 A
2.0
10
I C = 8.0A 8A
5
0 25 50 75 100 125 150
1.0 -60 -40 -20
0
20
40
60
80 100 120 140 160
TC , Case Temperature ( C)
, Junction Temperature ( C) TTJ Junction Temperature ( C) J,
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Typical Collector-to-Emitter Voltage vs. Junction Temperature
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01
SINGLE PULSE (THERMAL RESPONSE) 0.0001 0.001 0.01
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = PDM x Z thJC + TC 0.1
P DM t1 t2 1
t1 , Rectangular Pulse Duration (sec)
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
4
www.irf.com
IRG4BC30KD-S
1500
1200
VGE , Gate-to-Emitter Voltage (V)
VGE = 0V, f = 1MHz Cies = Cge + Cgc , Cce SHORTED Cres = Cgc Coes = Cce + Cgc
20
VCC = 400V I C = 16A
16
C, Capacitance (pF)
900
Cies
12
600
8
300
C oes C res
4
0 1 10 100
0 0 20 40 60 80
VCE , Collector-to-Emitter Voltage (V)
QG , Total Gate Charge (nC)
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
1.50
Total Switching Losses (mJ)
Total Switching Losses (mJ)
V CC = 480V V GE = 15V TJ = 25 C 1.40 I C = 16A
10
RG = Ohm 23 VGE = 15V VCC = 480V
IC = 32 A
IC = 16 A
1
1.30
IC = 8.0A 8A
1.20
1.10
1.00 0
R Gate Resistance ) RG G, ,Gate Resistance ((Ohm)
10
20
30
40
50
0.1 -60 -40 -20
0
20
40
60
80 100 120 140 160
TJ , Junction Temperature ( C )
Fig. 9 - Typical Switching Losses vs. Gate Resistance
Fig. 10 - Typical Switching Losses vs. Junction Temperature
www.irf.com
5
IRG4BC30KD-S
5.0
3.0
I C , Collector-to-Emitter Current (A)
16 24 32 40
Total Switching Losses (mJ)
RG TJ VCC 4.0 VGE
= 23 Ohm = 150 C = 480V = 15V
100
VGE = 20V 125C T J = 125 oC
10
2.0
1.0
0.0 0 8
SAFE OPERATING AREA
1 1 10 100 1000
I C , Collector-to-emitter Current (A)
VCE , Collector-to-Emitter Voltage (V)
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
100
Fig. 12 - Turn-Off SOA
Insta ntane ous Forward C urrent - I F (A )
TJ = 15 0C
10
TJ = 12 5C TJ = 2 5C
1 0.4 0.8 1.2 1.6 2.0 2.4
Fo rwa rd V oltage D rop - V F M (V )
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
6
www.irf.com
IRG4BC30KD-S
160 100
VR = 2 0 0 V T J = 1 2 5 C T J = 2 5 C
120
VR = 2 0 0 V T J = 1 2 5 C T J = 2 5 C
I F = 24 A I F = 1 2A
80
I IR R M - (A )
I F = 2 4A
10
t rr - (ns)
I F = 1 2A I F = 6 .0A
I F = 6 .0 A
40
0 100
d i f /d t - (A / s)
1000
1 100
1000
di f /dt - (A /s)
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
600
10000
VR = 2 0 0 V T J = 1 2 5 C T J = 2 5 C
VR = 2 0 0 V T J = 1 2 5 C T J = 2 5 C
400
d i(re c )M /d t - (A / s)
1000
Q R R - (n C )
IF = 6.0 A
I F = 24 A I F = 12 A
I F = 12 A
100
200
I F = 6.0 A
I F = 2 4A
0 100
d i f /dt - (A /s)
1000
10 100
1000
d i f /d t - (A / s)
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
www.irf.com
7
IRG4BC30KD-S
Same ty pe device as D .U.T.
80% of Vce
430F D .U .T.
90% Vge VC 90% 10%
t d(off)
Fig. 18a - Test Circuit for Measurement of
ILM, Eon, Eoff(diode), trr, Qrr, Irr, td(on), tr, td(off), tf
10% IC 5% t d(on)
tr Eon E ts = (Eon +Eoff )
tf t=5s Eoff
Fig. 18b - Test Waveforms for Circuit of Fig. 18a, Defining
Eoff, td(off), tf
G A T E V O L T A G E D .U .T . 1 0 % +V g +Vg
trr Ic
Q rr =
trr id ddt Ic t tx
tx 10% Vcc Vce Vcc 1 0 % Ic 9 0 % Ic D UT VO LTAG E AN D CU RRE NT Ip k Ic
1 0 % Irr V cc
V pk Irr
D IO D E R E C O V E R Y W A V E FO R M S td (o n ) tr 5% Vce t2 Vce d E o n = V ce ieIc t dt t1 t2 D IO D E R E V E R S E REC OVERY ENER GY t3 t4
E re c =
t4 V d idIc t dt Vd d t3
t1
Fig. 18c - Test Waveforms for Circuit of Fig. 18a,
Defining Eon, td(on), tr
Fig. 18d - Test Waveforms for Circuit of Fig. 18a,
Defining Erec, trr, Qrr, Irr
8
www.irf.com
IRG4BC30KD-S
V g G A T E S IG N AL D EV IC E UN DE R T E ST C UR R EN T D.U .T . V O LT A G E IN D .U.T .
C UR R EN T IN D 1
t0
t1
t2
Figure 18e. Macro Waveforms for Figure 18a's Test Circuit
L 1 000 V 50V 6 00 0 F 100 V Vc *
D.U.T.
RL= 0 - 480V
480V 4 X IC @25C
Figure 19. Clamped Inductive Load Test Circuit
Figure 20. Pulsed Collector Current Test Circuit
Tape & Reel Information
D2Pak
TRR
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 4 .1 0 ( .1 6 1 ) 3 .9 0 ( .1 5 3 )
1 .6 0 (.0 6 3) 1 .5 0 (.0 5 9) 0 .3 6 8 (.0 1 4 5 ) 0 .3 4 2 (.0 1 3 5 )
F E E D D I R E C T IO N
1 .8 5 ( .0 7 3 ) 1 .6 5 ( .0 6 5 )
1 1.6 0 (.4 5 7 ) 1 1.4 0 (.4 4 9 ) 15 .42 ( .6 09 ) 15 .22 ( .6 01 )
2 4 .3 0 (.95 7 ) 2 3 .9 0 (.94 1 )
TRL
1 0 .9 0 (.4 2 9) 1 0 .7 0 (.4 2 1) 1 .7 5 ( .0 69 ) 1 .2 5 ( .0 49 ) 1 6 .10 (.6 3 4 ) 1 5 .90 (.6 2 6 ) 4 .7 2 (.1 3 6 ) 4 .5 2 (.1 7 8 )
F E E D D IR E C T IO N
1 3.50 ( .5 32 ) 1 2.80 ( .5 04 )
27 .4 0 ( 1.0 79 ) 23 .9 0 ( .94 1) 4
3 3 0.00 ( 14 .1 7 3) M AX .
6 0.00 (2 .3 62) M IN .
N O T ES : 1. C O MF O R M S T O EIA-4 18 . 2. C O N TR O LL IN G D IM EN S IO N : MIL LIM ET ER . 3. D IM EN S IO N M EA SU R ED @ H U B. 4. IN C LU D E S F LAN G E D IST O R T IO N @ O U TER ED G E.
2 6 .4 0 ( 1.03 9 ) 2 4 .4 0 ( .9 61 ) 3
30 .4 0 (1.19 7) M A X. 4
www.irf.com
9
IRG4BC30KD-S
Notes:
Q Repetitive rating: VGE=20V; pulse width limited by maximum junction temperature (figure 20) R VCC=80%(VCES), VGE=20V, L=10H, RG= 23 (figure 19) S Pulse width 80s; duty factor 0.1%. T Pulse width 5.0s, single shot. U When mounted on 1" square PCB (FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
D2Pak Package Outline
1 0 .5 4 (.4 1 5 ) 1 0 .2 9 (.4 0 5 ) 1 .4 0 (.0 55 ) M A X. -A2 4 .6 9 (.1 8 5 ) 4 .2 0 (.1 6 5 ) -B1 .3 2 (.0 5 2 ) 1 .2 2 (.0 4 8 ) 6 .4 7 (.2 5 5 ) 6 .1 8 (.2 4 3 ) 1 5 .4 9 (.6 1 0 ) 1 4 .7 3 (.5 8 0 ) 5 .2 8 (.2 0 8 ) 4 .7 8 (.1 8 8 ) 1 .4 0 (.0 5 5 ) 1 .1 4 (.0 4 5 ) 5 .0 8 (.2 0 0 ) 1 .3 9 (.0 5 5 ) 1 .1 4 (.0 4 5 ) 2 .7 9 (.1 1 0 ) 2 .2 9 (.0 9 0 ) 2 .6 1 (.1 0 3 ) 2 .3 2 (.0 9 1 ) 8 .8 9 (.3 5 0 ) REF. 1 0 .1 6 (.4 0 0 ) REF .
1 .7 8 (.0 7 0 ) 1 .2 7 (.0 5 0 )
1
3
3X
0 .9 3 (.0 3 7 ) 3X 0 .6 9 (.0 2 7 ) 0 .2 5 (.0 1 0 ) M BAM
0 .5 5 (.0 2 2 ) 0 .4 6 (.0 1 8 )
M IN IM U M R E C O M M E N D E D F O O T P R IN T 1 1 .43 (.4 5 0 )
NOTES: 1 D IM E N S IO N S A F T E R S O L D E R D IP . 2 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 3 C O N T R O L L IN G D IM E N S IO N : IN C H . 4 H E A T S IN K & L E A D D IM E N S IO N S D O N O T IN C L U D E B U R R S .
L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - SOURCE
8 .8 9 (.3 5 0 ) 1 7 .7 8 (.7 0 0 )
3 .8 1 (.1 5 0 ) 2 .0 8 (.0 8 2 ) 2X 2 .5 4 (.1 0 0 ) 2X
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 10/00
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRG4BC30KD-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X